|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC TM Micro Commercial Components omponents 20736 Marilla Street Chatsworth !"# $ % !"# SDB101 THRU SDB107 1.0 Amp Single Phase Bridge Rectifier 50 to 1000 Volts SDB-1 B Features * * * * Surface Mount and Low Profile Package Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1 UL Recognized File # E165989 Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information) Maximum Ratings * * Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C MCC Part Number SDB101 SDB102 SDB103 SDB104 SDB105 SDB106 SDB107 Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage 35V 70V 140V 280V 420V 560V 700 Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V + D C Device Marking SDB101 SDB102 SDB103 SDB104 SDB105 SDB106 SDB107 K Notch in Case A G E H DIMENSIONS INCHES MIN .316 .245 .040 .360 .102 .003 .195 .038 MM MIN 8.05 6.20 1.02 9.40 2.60 .076 5.00 1.00 Electrical Characteristics @ 25C Unless Otherwise Specified Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage Typical Junction Capacitance Notes: IF(AV) IFSM 1.0 A 50A TA = 40C 8.3ms, half sine DIM A B C D E G H K MAX .335 .255 .060 .410 .130 .013 .205 .047 MAX 8.51 6.50 1.50 10.4 3.30 .330 5.20 1.20 NOTE VF 1.1V IFM = 1.0A; TA = 25C TA = 25C TA = 125C Suggested Solder Pad Layout .047" IR 10A 0.5mA 25pF .344" .060" CJ Measured at 1.0MHz, VR=4.0V .205" 1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7 + Case Style ~ ~ www.mccsemi.com Revision: 11 1 of 3 2008/01/30 SDB101 thru SDB107 Figure 1 Typical Forward Characteristics 20 10 6 4 2 25C Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 100 60 40 MCC Micro Commercial Components Figure 2 Typical Reverse Characteristics TM TA=25C 60 80 Volts 100 120 140 Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts Figure 3 Forward Derating Curve 1.2 60 1.0 50 40 30 .6 Amps .4 Amps 20 10 0 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Figure 4 Peak Forward Surge Current .8 .2 1 2 4 6 8 10 Cycles 20 40 60 80 100 0 Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles www.mccsemi.com Revision: 11 2 of 3 2008/01/30 MCC Micro Commercial Components TM Ordering Information Device (Part Number)-TP (Part Number)-BP Packing Tape&Reel;1.5Kpcs/Reel Bulk;50pcs/Tube ***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications. www.mccsemi.com Revision: 11 3 of 3 2008/01/30 |
Price & Availability of SDB104-BP |